Part Number Hot Search : 
PMBT4401 13006 ZMY5V1 PCF8584T NJW1194V 34735 5KP75 STK0100
Product Description
Full Text Search
 

To Download MM159X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUMI
Low-Saturation 300mA Regulators MM159X Series
Low-Saturation 300mA Regulators
Monolithic IC MM159X Series
Outline
This is a 300mA output low-saturation regulator IC with low noise and high ripple rejection ratio. Ceramic capacitors can be used for the output capacitors, and it has an output noise reduction pin and ON/OFF control pin.
Features
1. High precision output voltage 2. Output current 3. Input/output voltage difference 4. High ripple rejection ratio 5. Wide operating temperature range 6. Output voltage 7. Output capacitor 2.0% 300mA 0.15V typ. (Io=100mA) 70dB typ. -40~+85C 1.5~5.0V (0.1V step) 1F(ceramic)
Package
SOP-8D/G
Applications
1. Constant voltage power supply for devices that use batteries 2. Constant voltage power supply for portable communications devices 3. Constant voltage power supply for household electronics products
Block Diagram
VIN VOUT
Bias
CONT
Thermal shutdown
Driver
Current limitter
Reference
GND CN
MITSUMI
Low-Saturation 300mA Regulators MM159X Series
Pin Assignment
8
7
6
5
1
2
3
4
SOP-8D/G (TOP VIEW)
1 2 3 4 5 6 7 8
VOUT NC GND CN CONT NC NC VIN
Pin Description
Pin No. 1 Pin name VOUT Function Output pin Internal equivalent circuit diagram
VOUT
Error Amp.
2 3 4
NC GND CN
Ground pin Noise decrease pin
VOUT CN
Error Amp.
MITSUMI
Low-Saturation 300mA Regulators MM159X Series
Pin No. 5
Pin name COUT
Function Control pin COUT H L Output ON OFF
Internal equivalent circuit diagram
CONT
225k 300k
6 7 8
NC NC VIN
No connection No connection Input pin
VIN
Bias
Absolute Maximum Ratings
Item Storage temperature Supply voltage Allowable loss
(Ta=25C) Symbol TSTG VIN Pd Ratings -55~+150 -0.3~+13 950 1 Units C V mW
*
Note : 1 With the double sided PC Board of glass epoxy (Copper plane 80%, 192 142 1.2mm)
*
Recommended Operating Conditions
Item Operating temperature Output current Operating voltage Symbol TOPR IOUT VOP Ratings -40~+85 0~300 VO Typ.+0.5~13 Units C mA V
MITSUMI
Low-Saturation 300mA Regulators MM159X Series
Electrical Characteristics 1
Item No-Load input current Input current (OFF) ICC
(Except where noted therwise, Ta=25C, VIN=VO+2V, VCONT=1.6V) Measurement conditions Io=0mA VCONT=0V Io=1mA VIN=VO-0.2V, IO=100mA VIN=VO+1.5~Vo+2.5V, IO=1mA Io=0~300mA Tj=-40~+85C f=120Hz VRIPPLE=1V, IO=100mA fBW=20~80kHz, CN=470pF, IOUT=100mA fBW=20~80kHz, CN=OPEN, IOUT=100mA VCONT=5V 10 1.6 -0.3 50 0.98 0.15 10 20 100 70 75 150 20 30 VIN+0.3 0.4 Min. Typ. Max. Units 2.2 0 5 1 1.02 0.3 20 120 mA A V V mV mV ppm/C dB Vrms A V V
Symbol ICCOFF VOUT VIO V1 V2 VOUT/ T RR VN ICONT VCONTH VCONTL
* Dropout voltage 3 *
Line regulation Load regulation VOUT temperature coefficient 1
Output voltage 2
*
Ripple rejection 1
*
Output noise voltage 1
*
CONT pin input current CONT pin high threshold level CONT pin low threshold level
Note1 : 1. The parameter is guaranteed by design. Note2 : 2. Please refer to follow. Note3 : 3. The parameter is not guaranteed in the model less than VOUT=2V.
* * *
Electrical Characteristics 2
Output Voltage
Product Test Output voltage (V) name condisions Min. Typ. Max. MM1591J 1.764 1.8 1.836 MM1591K 1.862 1.9 1.938 MM1592A 1.960 2.0 2.040 MM1592B 2.058 2.1 2.142 MM1592C 2.156 2.2 2.244 MM1592D 2.254 2.3 2.346 MM1592E 2.352 2.4 2.448 MM1592F 2.450 2.5 2.550 MM1592G 2.548 2.6 2.652 MM1592H 2.646 2.7 2.754 MM1592J 2.744 2.8 2.856 Io=1mA MM1592K 2.842 2.9 2.958 MM1593A 2.940 3.0 3.060 MM1593B 3.038 3.1 3.162 MM1593C 3.136 3.2 3.264 MM1593D 3.234 3.3 3.366 MM1593E 3.332 3.4 3.468 MM1593F 3.430 3.5 3.570 MM1593G 3.528 3.6 3.672 MM1593H 3.626 3.7 3.774 MM1593J 3.724 3.8 3.876 MM1593K 3.822 3.9 3.978 Product Test Output voltage (V) name condisions Min. Typ. Max. MM1594A 3.920 4.0 4.080 MM1594B 4.018 4.1 4.182 MM1594C 4.116 4.2 4.284 MM1594D 4.214 4.3 4.386 MM1594E 4.312 4.4 4.488 MM1594F Io=250mA 4.410 4.5 4.590 MM1594G 4.508 4.6 4.692 MM1594H 4.606 4.7 4.794 MM1594J 4.704 4.8 4.896 MM1594K 4.802 4.9 4.998 MM1595A 4.900 5.0 5.100
MITSUMI
Low-Saturation 300mA Regulators MM159X Series
Measuring Circuit
A A
8
CIN=1F Ceramic
7
6
5
VIN
NC
NC
CONT
VO
1 A V
NC
2
Co=1F Ceramic*
GND
3
CN
4
CN=470pF Ceramic
Application Circuit
Input
CIN=1F Ceramic
8
7
6
5
VIN
NC
NC
CONT
VO
1
To load Co=1F Ceramic*
NC
2
GND
3
CN
4
CN=470pF Ceramic
Type *Temperature Characteristics: BType) (X5R Note 1. The output capacitor is required between output and GND to prevent oscillation. 2. The ESR of capacitor must be defined in ESR stability area. It is possible to use a ceramic capacitor without ESR resistance for output. The ceramic capacitor must be used more than 1.0F and B type (X5R) temperature characteristics. 3. The wire of Vcc and GND is required to print full ground plane for noise and stability. 4. The input capacitor must be connected a distance of less than 1cm from input pin. 5. The capacitor is connected to Cn must have low leakage current characteristics, because Cn pin is high impedance. The rise time will chage depending on the capacitance value. 6. In case the output voltage is above the input voltage, the overcurrent flow by internal parasitic diode from output to input. In such application, the external bypass diode must be connected between output and input pin.
MITSUMI
Low-Saturation 300mA Regulators MM159X Series
Characteristics
3.0
(2.5V product Except where noted therwise, Ta=25C, VIN=VO+2V, VCONT=VIN, CIN=1.0F, CO=1.0F)
Input Voltage-Output Voltage
Output Voltage VO (V)
No Load Input Current
5.0 RL=
2.5 2.0 1.5 RL=25 1.0 0.5 0.0 0 1 2 3 4 5 RL=2.5k RL=8.3
Input Current IIN (mA)
4.0 3.0 2.0 1.0 0.0 0 2 4 6 8 10 12
Input Voltage VIN (V)
Input Voltage VIN (V)
Load Regulation
Load Regulation Vload (mV)
30 20 10 0 -10 -20 -30 0 50 100 150 200 250 300
Line Regulation
VO (mV)
10 5 0 -5 -10 4 5 6 7 8 9 10 11 12 13 RL=2.5k
Load Current IOUT (mA)
Line regulation
Input Voltage VIN (V)
Drop Voltage
0.50 VIN=2.3V
Output Voltage(IO=0mA)
Output Voltage VOUT (V)
2.7 2.6 2.5 2.4 2.3 2.2 -50 -25 RL=
Drop Voltage (V)
0.40 0.30 0.20 0.10 0.00 0 100 200 300 400 500
0
25
50
75 100 125 150
IOUT (mA)
Ambient Temperature Ta (C)
MITSUMI
Low-Saturation 300mA Regulators MM159X Series
Characteristics
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 0.01
(2.5V product Except where noted therwise, Ta=25C, VIN=VO+2V, VCONT=VIN, CIN=1.0F, CO=1.0F)
Ripple Rejection
Ripple Rejection RR (dB)
Output Noise
Output Noise Vn (Vrms)
200 150 100 50 0 1 10 100 1000 10000 RL=12
CN=0F CN=470pF
CN=0.01F 0.1 1 10 100 1000
Frequency (kHz)
Noise Reduction Capacitor CN (pF)
Current Limit Characteristics
3.0
GND Pin Current
60
GND Pin Current (mA)
0 100 200 300 400 500 600 700
Output Voltage VO (V)
2.5 2.0 1.5 1.0 0.5 0.0
50 40 30 20 10 0 0 100 200 300 400 500
Output Current IOUT (mA)
Output Current IOUT (mA)
ESR Stability Area
10 Instable area
Power Dissipation
1000 800 192 142 1.2mm On board Copper plane 80%
Pd (mW)
ESR ()
1 Stable area 0.1
600 400 200 Not attached
0.01 0 100 200 300 400
0 0 50 100 150 200
Output Current IOUT (mA)
Ambient Temperature Ta (C)
MITSUMI
Low-Saturation 300mA Regulators MM159X Series
Characteristics
2
(1.8V, 5.0V product Except where noted therwise, Ta=25C, VIN=VO+2V, VCONT=VIN, CIN=1.0F, CO=1.0F)
Load Regulation(VO=1.8V)
Output Voltage VO (V)
Load Regulation(VO=5.0V)
5.2
Output Voltage VO (V)
0 100 200 300 400 500 600
1.9 1.8 1.7 1.6 1.5
5.1 5 4.9 4.8 4.7 0 100 200 300 400 500 600
Output Current IOUT (mA)
Output Current IOUT (mA)
Output Voltage(VO=1.8V)
Output Voltage VOUT (V)
2.0 1.9 1.8 1.7 1.6 1.5 -50 -25
Output Voltage(VO=5.0V)
Output Voltage VOUT (V)
5.2 5.1 5.0 4.9 4.8 4.7 -50 -25
0
25
50
75 100 125 150
0
25
50
75 100 125 150
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)


▲Up To Search▲   

 
Price & Availability of MM159X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X